Part Number Hot Search : 
331M10 BR203 UPD65630 VCX2154A 10H100F 478DP BZV55C39 HC373A
Product Description
Full Text Search
 

To Download R570712000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i.c. : indicator contact. s.c.o. : self cut off (1) : suppression diodes are already included in self cut--off and ttl options (2) : ttl option is not available with this option (3) : positive common must be specified only with type 3, 4, 5 or 6 ttl option 0 : without ttl driver 1 : with ttl driver r570 ... ... actuator voltage 2 :12vdc 3 :28vdc type 1 : failsafe 2 : failsafe + i.c. 3 : latching 4 : latching + i.c. 5 : latching + s.c.o.(1) 6 : latching + s.c.o. + i.c.(1) connectors rf 3 : sma upto3ghz 4 : sma up to 18 ghz 7 : sma 2.9 up to 26.5 ghz 8 : sma 2.9 up to 40 ghz 9 : din 1.6/5.6 upto1ghz options 0 : without option 1 : positive common (2)(3) 3 : with suppression diodes (1) 4 : with suppression diodes and positive common (2)(3) actuator terminal 0 : solder pins coaxial switches sma -- sma 2.9 -- din 1.6/5.6 18 coaxial spdt up to 40 ghz --- ramses concept general specifications - rf performances connectors sma / sma 2.9 sma 2.9 din 1.6/5.6 f r e q u e n c y r a n g e g h z dc - 3 / dc - 18 / dc - 26.5 dc - 40 dc -- 1 frequency range gh z dc - 3 3-8 8-12 12 - 18 18 - 26.5 dc - 6 6-12 12 - 18 18 - 26.5 26.5 - 40 dc--.5 .5--1 v.s.w.r. (max) 1.20 1.30 1.40 1.50 1.70 1.30 1.40 1.50 1.70 1.90 1.25 1.30 insertion loss (max) db .20 .30 .40 .50 .70 .30 .40 .50 .70 .80 .15 .20 isolation (min) db 80 70 60 60 55 70 60 60 55 50 90 80 impedance  50 75 switching sequence break before make general specifications - additional specifications o p e r a t i n g m o d e failsafe or latching operating mode failsafe latching actuator voltage (nominal) vdc 12 28 12 28 coil resistance ( 10%)  47.5 275 57.5 350 operating current at 23 _ _ _ _ c ma 250 102 210 80 average power see power rating chart page 9 peak power kw 1.5 (1  s, 1 ?) ttl input high level low level 2.2to5.5v 0to0.8v indicator rating 1 w -- 30 v -- 100 ma switching time (max) ms 10 life 10 10 6 cycles for sma & sma 2.9 / 5 10 6 cycles for din 1.6/5.6 connectors sma,sma2.9&din1.6/5.6 actuator terminals solder pins operating temperature range _ c --40, +85 (--25, +70 for din 1.6 / 5.6 ) storage temperature range _ c --55, +85 (--40, +85 for din 1.6 / 5.6 )
coaxial spdt up to 40 ghz --- ramses concept din 1.6 / 5.6 sma --- sma 2.9 coaxial switches sma -- sma 2.9 -- din 1.6/5.6 19 typical outline drawing connectors sma sma 2.9 din 1.6/5.6 amax(mm) 7.4 6.3 11.5


▲Up To Search▲   

 
Price & Availability of R570712000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X